PART |
Description |
Maker |
HW-209A |
Shipped in packet-tape reel
|
ETC
|
HQ-0611 |
Shipped in Packet Tape Reel
|
Asahi Kasei Microsystems
|
HG-0715 |
Shipped in packet-tape reel(10,000pcs per reel)
|
Asahi Kasei Microsystems
|
HG-0713 |
Shipped in packet-tape reel(10,000pcs per reel)
|
Asahi Kasei Microsystems
|
HG-106C-2U |
Shipped in packet-tape reel(4,000pcs per reel)
|
Asahi Kasei Microsystems
|
HW-102A |
Shipped in packet-tape reel(6,000pcs/Reel)
|
Asahi Kasei Microsystems
|
HW-101A-4T |
Shipped in packet-tape reel(3,000pcs per reel)
|
Asahi Kasei Microsystems
|
HW-108A |
Shipped in packet-tape reel (4000pcs per reel).
|
Electronic Theatre Controls, Inc.
|
IDT74FCT845CSO IDT74FCT845CTP IDT74FCT845CD IDT74F |
8-Bit D-Type Latch A 25V Single N-Channel HEXFET Power MOSFET in a DirectFET MX package rated at 39 amperes optimized with low on resistance. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number. A 25V Single N-Channel HEXFET Power MOSFET in a DirectFET MX package rated at 29 amperes optimized with low on resistance. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number. A 25V Single N-Channel HEXFET Power MOSFET in a DirectFET MX package rated at 34 amperes optimized with low on resistance. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number. 8位D型锁存器 9-Bit D-Type Latch 9位D型锁存器 A 30V Single N-Channel HEXFET Power MOSFET in a DirectFET ST package rated at 13 amperes optimized with low on resistance. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number. 8位D型锁存器 300V Single N-Channel HEXFET Power MOSFET in a SO-8 package 9位D型锁存器
|
NXP Semiconductors N.V. Austriamicrosystems AG Coilcraft, Inc. Fairchild Semiconductor, Corp.
|
AM29818AXM AM29818ADE AM29818APC AM29818ADCB AM298 |
Digital Audio Driver with Discrete Dead-Time and Protection. High and Low Side Driver in a 14-Lead SOIC package; A IRS20124S packaged in a Lead-Free Pipeline Register High Performance Appliance RAM Based Motion Control IC; A IRMCF343 with Standard Packaging High Voltage, high performance Class D audio aplifier driver with PWM modulator and protection in a 16-Lead PDIP Package; A IRS2092PBF with Standard Packaging Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to IP2003ATR with Lead Free Packaging. High Voltage, high performance Class D audio aplifier driver with PWM modulator and protection in a 16-Lead SOIC Narrow Package; Similar to IRS2092PBF Shipped on Tape and Reel Synchronous Buck Multiphase Optimized BGA Power Block.; Similar to iP2002 with Lead Free Packaging on Tape and Reel. 500VA HiRel iMotion Digital Sensor-Less Motor Controller in an MP-3T package.; A IRMCT3UF1 with Standard Packaging Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to IP2003A with Lead Free Packaging. A high performance OTP based motion control IC designed primarily for appliance applications.; A IRMCK343 with Standard Packaging Self-Oscillating Full-Bridge 600V Driver in a 14-Lead SOIC narrow boddy package; A IRS2453D packaged in a Lead-Free 14-Lead SOIC shipped on Tape and Reel Protected Digital Audio Driver with Floating PWM input in a 16-Lead SOIC Narrow Package; A IRS20955SPBF packaged in a Lead-Free 16-Lead SOIC Narrow shipped on Tape and Reel IP1001; A IP1001 with Standard Packaging Dual Output Full Function 2 Phase Synchronous Power Block, Integrated Power Semiconductors, PWM Controller and Passives.; Similar to iP1201 with Lead Free packaging. Protected Digital Audio Driver with Floating PWM input; A IRS20954SPBF with Standard Packaging 管道注册
|
Advanced Micro Devices, Inc.
|
HW-322B |
Shipped in bulk(500pcs per pack)
|
Asahi Kasei Microsystems
|